Part Number Hot Search : 
IRF713 SC2544 DR251 78R03 QPA2237 MAX893 100PC MRF5711L
Product Description
Full Text Search
 

To Download HD74HC4518FPEL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74HC4518, HD74HC4520
Dual BCD Up Counters Dual Binary Up Counters
REJ03D0653-0200 (Previous ADE-205-542) Rev.2.00 Mar 30, 2006
Description
The HD74HC4518 dual BCD counter and the HD74HC4520 dual binary counter consist of two identical, independent, internally synchronous 4-stage counters. The counter stages are type D flip-flops, with interchangeable Clock and Enable lines for incrementing on either the positive-going or negative-going transition as required when cascading multiple stages. Each counter can be cleared by applying a high level on the Reset line. In addition, the HD74HC4518 will count out of all undefined states within two clock periods. These complementary MOS up counters find primary use in multi-stage synchronous or ripple counting applications requiring low power dissipation and/or high noise immunity.
Features
* * * * * * High Speed Operation High Output Current: Fanout of 10 LSTTL Loads Wide Operating Voltage: VCC = 2 to 6 V Low Input Current: 1 A max Low Quiescent Supply Current: ICC (static) = 4 A max (Ta = 25C) Ordering Information
Part Name HD74HC4518P HD74HC4520P HD74HC4518FPEL HD74HC4520FPEL HD74HC4520RPEL Package Type DILP-16 pin SOP-16 pin (JEITA) SOP-16 pin (JEDEC) Package Code (Previous Code) PRDP0016AE-B (DP-16FV) PRSP0016DH-B (FP-16DAV) Package Abbreviation P FP -- EL (2,000 pcs/reel) EL (2,000 pcs/reel) Taping Abbreviation (Quantity)
PRSP0016DG-A RP (FP-16DNV) Note: Please consult the sales office for the above package availability.
Function Table
Clock L X X L H X Notes: 1. X: Don't care X Enable H Reset L L L L L L H Operation Increment counter Increment counter No change No change No change No change Q0 to Q3 = L
Rev.2.00, Mar 30, 2006 page 1 of 8
HD74HC4518, HD74HC4520
Pin Arrangement
Clock A Enable A Q0 A Q1 A Q2 A Q3 A Reset A GND 1 2 3 4 5 6 7 8 (Top view) C Q0 Q1 Q2 Q3 R R Q3 Q2 Q1 Q0 C 16 VCC 15 Reset B 14 Q3 B 13 Q2 B 12 Q1 B 11 Q0 B 10 Enable B 9 Clock B
Block Diagram
HD74HC4518
Q0 Q1 Q2 Q3
D
Q Q R
D
Q Q R
D
Q Q R
D
Q Q R
C Reset
C
C
C
Enable Clock
Rev.2.00, Mar 30, 2006 page 2 of 8
HD74HC4518, HD74HC4520 HD74HC4520
Q0 Q1 Q2 Q3
D
Q Q R
D
Q Q R
D
Q Q R
D
Q Q R
C Reset
C
C
C
Enable Clock
Timing Diagram
1 Clock Enable Reset 1 Q0 Q1 HD74HC4518 Q2 Q3 Q0 Q1 HD74HC4520 Q2 Q3 23 4 56 7 8 9 0 1 2 3 4 5 6 7 8 9 0 23 4 56 7 8 9 10 11 12 13 14 15 16 17 18
1
23
4
56
7
8
9 10 11 12 13 14 15 0
1
2
34
Rev.2.00, Mar 30, 2006 page 3 of 8
HD74HC4518, HD74HC4520
Absolute Maximum Ratings
Item Supply voltage range Input / Output voltage Input / Output diode current Output current VCC, GND current Power dissipation Storage temperature Symbol VCC VIN, VOUT IIK, IOK IOUT ICC or IGND PT Tstg Ratings -0.5 to 7.0 -0.5 to VCC +0.5 20 25 50 500 -65 to +150 Unit V V mA mA mA mW C
Note: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of which may be realized at the same time.
Recommended Operating Conditions
Item Supply voltage Input / Output voltage Operating temperature Input rise / fall time*1 Symbol VCC VIN, VOUT Ta tr, tf Ratings 2 to 6 0 to VCC -40 to 85 0 to 1000 0 to 500 0 to 400 Unit V V C ns Conditions
VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V
Notes: 1. This item guarantees maximum limit when one input switches. Waveform: Refer to test circuit of switching characteristics.
Electrical Characteristics
Item Input voltage Symbol VCC (V) VIH 2.0 4.5 6.0 2.0 VIL 4.5 6.0 VOH 2.0 4.5 6.0 4.5 6.0 2.0 VOL 4.5 6.0 4.5 6.0 Iin 6.0 6.0 ICC Min 1.5 3.15 4.2 -- -- -- 1.9 4.4 5.9 4.18 5.68 -- -- -- -- -- -- -- Ta = 25C Typ Max -- -- -- -- -- -- -- 0.5 -- 1.35 -- 1.8 2.0 -- 4.5 -- 6.0 -- -- -- -- -- 0.0 0.1 0.0 0.1 0.0 0.1 -- 0.26 -- 0.26 -- 0.1 -- 4.0 Ta = -40 to+85C Min Max 1.5 -- 3.15 -- 4.2 -- -- 0.5 -- 1.35 -- 1.8 1.9 -- 4.4 -- 5.9 -- 4.13 -- 5.63 -- -- 0.1 -- 0.1 -- 0.1 -- 0.33 -- 0.33 -- 1.0 -- 40 Unit V Test Conditions
V
Output voltage
V
Vin = VIH or VIL IOH = -20 A
V
Vin = VIH or VIL
IOH = -4 mA IOH = -5.2 mA IOL = 20 A
Input current Quiescent supply current
A A
IOH = 4 mA IOH = 5.2 mA Vin = VCC or GND Vin = VCC or GND, Iout = 0 A
Rev.2.00, Mar 30, 2006 page 4 of 8
HD74HC4518, HD74HC4520
Switching Characteristics
(CL = 50 pF, Input tr = tf = 6 ns)
Item Maximum clock frequency Propagation delay time Symbol VCC (V) fmax 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 Output rise/fall time tTLH tTHL Cin 2.0 4.5 6.0 -- Min -- -- -- -- -- -- -- -- -- -- -- -- 80 16 14 0 0 0 -- -- -- -- Ta = 25C Typ Max -- 5 -- 27 -- 32 -- 190 22 38 -- -- 22 -- -- 17 -- -- 7 -- -- -3 -- -- -- -- 5 32 200 40 34 190 38 32 -- -- -- -- -- -- 75 15 13 10 Ta = -40 to +85C Min Max -- 4 -- 21 -- 25 -- 240 -- 48 -- -- -- -- -- -- -- 100 20 17 0 0 0 -- -- -- -- 41 250 50 43 240 48 41 -- -- -- -- -- -- 95 19 16 10 ns Unit MHz Test Conditions
tPLH tPHL tPLH tPHL tPLH tPHL
ns
Clock to Q
ns
Reset to Q
ns
Enable to Q
Pulse width
tw
ns
Removal time
trem
ns
Reset clock
Input capacitance
pF
Test Circuit
VCC VCC
Output
See Function Table
Input Pulse Generator Zout = 50 Input Pulse Generator Zout = 50
Clock Q0 Enable Q3 Reset CL = 50 pF Output CL = 50 pF
Note : 1. CL includes probe and jig capacitance.
Rev.2.00, Mar 30, 2006 page 5 of 8
HD74HC4518, HD74HC4520
Waveforms
* Waveform - 1
Reset
10%
tr
90% 50% 90% 50%
tf VCC
10%
0V
tw Clock
trem
90% 50% 10% 90% 10%
VOH VOL
tPHL
90%
tTLH
90% 50% 10% 10%
tTHL VOH VOL tTLH
Qn
tTHL
Note: 1. Input waveform: PRR 1 MHz, Zo = 50 , tr 6 ns, tf 6 ns
* Waveform - 2
tr Clock tf VCC
50% 50% 50%
0V tw tPLH
90%
tPHL
90% 50% 10%
VOH VOL
Qn
50% 10%
tTLH
tTHL
Note: 1. Input waveform: PRR 1 MHz, Zo = 50 , tr 6 ns, tf 6 ns
* Waveform - 3
tf
90% 50% 10% 10%
tr
90% 50%
VCC
50%
Enable
tw tPLH
90%
0V tPHL
90% 50% 10%
VOH VOL
Qn
50% 10%
tTLH
tTHL
Note: 1. Input waveform: PRR 1 MHz, Zo = 50 , tr 6 ns, tf 6 ns
Rev.2.00, Mar 30, 2006 page 6 of 8
HD74HC4518, HD74HC4520
Package Dimensions
JEITA Package Code P-DIP16-6.3x19.2-2.54 RENESAS Code PRDP0016AE-B Previous Code DP-16FV MASS[Typ.] 1.05g
D
16
9
1 0.89 b3
8
Z
A1
A
E
Reference Symbol
Dimension in Millimeters
Min
e
bp
e1
c
( Ni/Pd/Au plating )
e1 D E A A1 bp b3 c e Z L
Nom Max 7.62 19.2 20.32 6.3 7.4 5.06
L
0.51 0.40 0.48 0.56 1.30 0.19 0.25 0.31 0 15 2.29 2.54 2.79 1.12 2.54
JEITA Package Code P-SOP16-3.95x9.9-1.27
RENESAS Code PRSP0016DG-A
Previous Code FP-16DNV
MASS[Typ.] 0.15g
*1
D 9
F
16
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
bp
E HE
Index mark
*2
Terminal cross section ( Ni/Pd/Au plating )
1 Z e
*3
c
8 bp x M L1
Reference Dimension in Millimeters Symbol
A1
L
y
Detail F
D E A2 A1 A bp b1 c c1 HE e x y Z L L1
Min Nom Max 9.90 10.30 3.95
0.10 0.14 0.25 1.75 0.34 0.40 0.46 0.15 0.20 0.25 0 8 5.80 6.10 6.20 1.27 0.25 0.15 0.635 0.40 0.60 1.27 1.08
Rev.2.00, Mar 30, 2006 page 7 of 8
A
HD74HC4518, HD74HC4520
JEITA Package Code P-SOP16-5.5x10.06-1.27 RENESAS Code PRSP0016DH-B Previous Code FP-16DAV MASS[Typ.] 0.24g
*1
D F 9
16
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
bp
HE
E
Index mark
*2
Terminal cross section ( Ni/Pd/Au plating )
1 Z e
*3
8 bp x M L1
Reference Dimension in Millimeters Symbol
c
A1
y
L
Detail F
D E A2 A1 A bp b1 c c1 HE e x y Z L L1
Min Nom Max 10.06 10.5 5.50
0.00 0.10 0.20 2.20 0.34 0.40 0.46 0.15 0.20 0.25 0 8 7.50 7.80 8.00 1.27 0.12 0.15 0.80 0.50 0.70 0.90 1.15
Rev.2.00, Mar 30, 2006 page 8 of 8
A
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology (Shanghai) Co., Ltd. Unit 204, 205, AZIACenter, No.1233 Lujiazui Ring Rd, Pudong District, Shanghai, China 200120 Tel: <86> (21) 5877-1818, Fax: <86> (21) 6887-7898 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> (2) 796-3115, Fax: <82> (2) 796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2006. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .6.0


▲Up To Search▲   

 
Price & Availability of HD74HC4518FPEL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X